PART |
Description |
Maker |
MGA-683P8-BLKG MGA-683P8-TR1G |
Low Noise And High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
ZFL-500HLN |
Low Noise Amplifi er
|
MINI[Mini-Circuits]
|
LTC6605-14 LTC6605CDJC-14-PBF LTC6605CDJC-14-TRPBF |
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
HMC429LP4 HMC429LP4E |
Low noise MMIC VCO w/Buffer Amplifi er for
|
Analog Devices
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
LT6600-2.509 LT6600CDF-2.5-PBF LT6600CDF-2.5-TRPBF |
Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
|
Linear Technology
|
LT6604CUFF-10-PBF LTC6604CUFF-10-TRPBF LTC6604IUFF |
Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
|
Linear Technology
|
LT6604CUFF-15-PBF LTC6604CUFF-15-TRPBF LTC6604IUFF |
Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
|
Linear Technology
|
ENA1280 |
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
|
Sanyo Semicon Device
|
2SK3557-7-TB-E 2SK3557-6-TB-E 2SK3557 |
N-Channel JFET, 15V, 10 to 32mA, 35mS, CP High-Frequency Low-Noise Amplifi er Applications
|
ON Semiconductor Sanyo Semicon Device
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|